PART |
Description |
Maker |
HMC478MP86 |
SiGe HBT GAIN BLOCK MMIC AMPLIFIE /DC - 4.0 GHz
|
Hittite Microwave Corporation
|
ADD8706ARUZ-REEL ADD8706ARUZ ADD8706 |
16 V 5 1-Channel Operational Amplifier
|
AD[Analog Devices]
|
UPD168103AK9-5B4-A UPD168103A |
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
|
NEC
|
UPD168103AK9-5B4-A |
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
|
NEC Corp.
|
HA3-2444-9 |
50MHz, Selectable, Four Channel Video Operational Amplifier
|
Harris Semiconductor
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
AAT1168 AAT1168-Q5-T AAT1168A AAT1168A-Q5-T AAT116 |
TRIPLE-CHANNEL TFT LCD POWER SOLUTION WITH OPERATIONAL AMPLIFIERS
|
Advanced Analog Technology, Inc.
|
MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC3 |
Single Supply 3 V to 44 V, Low Input Offset Voltage, Dual Op Amp DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PQCC10 3-44V Quad Channel Operational Amplifier, Ta = 0 to 70°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8 Single Supply 3.0 V to 44 V Operational Amplifiers DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers
|
ON Semiconductor
|
HFA1205 HFA1205IB HFA1205IP HA5023EVAL |
2.5V 144-mc CPLD - NOT RECOMMENDED for NEW DESIGN 1 CHANNEL, VIDEO AMPLIFIER, PDIP8 Dual, 400MHz, Low Power, Video Operational Amplifier Dual/ 400MHz/ Low Power/ Video Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD7705BRU AD7706 EVAL-AD7706EB EVAL-AD7705EB AD770 |
3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs 3 5伏,1毫瓦2-/3-Channel 16位Δ模数转换 Precision Zero-Drift Operational Amplifier with Internal Capacitors; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3 5毫瓦2-/3-Channel 16位Δ模数转换器(264.12十一 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 3 V/5 V/ 1 mW 2-/3-Channel 16-Bit/ Sigma-Delta ADCs
|
http:// Analog Devices, Inc.
|
ALD1721 ALD1721DA ALD1721E ALD1721EDA ALD1721EPA A |
EPADMICROPOWER OPERATIONAL AMPLIFIER EPAD MICROPOWER OPERATIONAL AMPLIFIER EPAD⑩ MICROPOWER OPERATIONAL AMPLIFIER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|